Part Number Hot Search : 
03203 MH46TAD 2N111 S93C46 MBS034M FRL234R SP233 TA78L08S
Product Description
Full Text Search
 

To Download 2SC4811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
DARLINGTON POWER TRANSISTOR
2SC4811
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
The 2SC4811 is a high-speed Darlington power transistor. This transistor is ideal for high-precision control such as PWM control for pulse motors or brushless motors in OA and FA equipment. In addition, this transistor features a package that can be auto-mounted in radial taping specifications, thus contributing to mounting cost reduction.
FEATURES
* Auto-mounting possible in radial taping specifications * Resin-molded insulation type package with power rating of 1.8 W in stand-alone conditions * On-chip C-to-E reverse diode * Fast switching speed
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current (DC) Collector current (pulse) Base current (DC) Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC(DC) IC(pulse)* IB(DC) PT** Tj Tstg Ratings 100 100 8.0 8.0 16 0.8 1.8 150 -55 to +150 Unit V V V A A A W C C
* PW 300 s, duty cycle 10% ** Ta = 25C
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D15602EJ2V0DS00 (2nd edition) Date Published April 2002 N CP(K) Printed in Japan
(c)
2002 1998
2SC4811
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Parameter Collector cutoff current Emitter cutoff current DC current gain DC current gain Collector saturation voltage Base saturation voltage Turn-on time Storage time Fall time Collector capacitance Symbol ICBO IEBO hFE1* hFE2* VCE(sat)* VBE(sat)* ton tstg tf Cob VCB = 10 V, IE = 0 , f = 1 MHz Conditions VCB = 100 V, IE = 0 VEB = 5 V, IC = 0 VCE = 2.0 V, IC = 4.0 A VCE = 2.0 V, IC = 8.0 A IC = 4.0 A, IB = 4.0 mA IC = 4.0 A, IB = 4.0 mA IC = 4.0 A, IB1 = -IB2 = 4.0 mA RL = 12.5 , VCC 50 V Refer to the test circuit. 0.6 45 0.5 2.5 2,000 500 1.5 2.0 V V MIN. TYP. MAX. 1.0 5.0 20,000 Unit
A
mA
s s s
pF
* Pulse test PW 350 s, duty cycle 2%
hFE CLASSIFICATION
Marking hFE1 M 2,000 to 5,000 L 4,000 to 10,000 K 8,000 to 20,000
PACKAGE DRAWING (UNIT: mm)
TAPING SPECIFICATION
Electrode Connection 1. Base 2. Collector 3. Emitter
2
Data Sheet D15602EJ2V0DS
2SC4811
TYPICAL CHARACTERISTICS (Ta = 25C)
Total Power Dissipation PT (W)
Ambient Temperature Ta (C)
IC Derating dT (%)
Case Temperature Ta (C)
Single pulse
Collector to Emitter Voltage VCE (V)
Transient Thermal Resistance Rth(j-a) (C/W)
Collector Current IC (A)
Pulse Width PW (s)
Collector Current IC (A)
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
Base to Emitter Voltage VBE (V)
Data Sheet D15602EJ2V0DS
3
4
Base Saturation Voltage VBE(sat) (V) DC Current Gain hFE Collector Current IC (A) Collector Current IC (A) Fall Time tf (s) StorageTime tstg (s) Turn-On Time ton (s) Collector Saturation Voltage VCE(sat) (V) Collector Current IC (A) Collector Current IC (A)
Collector Capacitance Cob (pF)
Collector to Base Voltage VCB (V)
Data Sheet D15602EJ2V0DS
2SC4811
2SC4811
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current waveform
Collector current waveform
Data Sheet D15602EJ2V0DS
5
2SC4811
* The information in this document is current as of July, 2001. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC4811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X